PART |
Description |
Maker |
714-91-108-31-012 714-91-108-31-018 714-93-108-31- |
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit
|
Precid-Dip Durtal SA
|
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
1017620000 |
PCB plug-in connectors
|
Weidmuller
|
DBCUSB2ASPTB DBCUSB2ASPTW |
USB 2.0 CONNECTORS SINGLE PORT PCB-A (T)
|
Dubilier
|
H33N-008-210-AGGE |
microSD card connectors PCB CONNECTOR
|
MITSUMI ELECTRIC CO., LTD.
|
HLMA-QH00-S0011 HLMA-QH00-S0012 HLMA-QH00-S0021 HL |
Subminiature High Performance TS AlGaAs Red LED Lamps 超小型高性能日ts AlGaAs的红色LED Pin contact interface connectors; HRS No: 225-0021-3 00; No. of Positions: 36; Operating Temperature Range (degrees C): -55 to 85 超小型高性能铝铟镓磷化物发光二极 Subminiature High Performance AlInGaP LED Lamps 超小型高性能铝铟镓磷化物发光二极 Subminiature LED Lamps 微型发光二极 超小型高性能T型车的AlInGaP红色橙色LED灯具 Pin contact interface connectors; HRS No: 225-0022-6 00; No. of Positions: 50; Operating Temperature Range (degrees C): -55 to 85 0.3mm contact spacing, 1.0mm above the PCB, FPC connectors; HRS No: 580-1701-0 05; Contact Mating Area Plating: Gold Subminiature High Performance AS AlInGaP Red Orange LED Lamps. Gull Wing. Bulk 0.3mm contact spacing, 1.0mm above the PCB, FPC connectors; HRS No: 580-0200-9 58; Contact Mating Area Plating: Gold FPC connectors, 1.25mm of mounting height on PCB, LIF structure, Over-molding structure, Flip-lock (one-touch rotating system), Horizontal staggered pin design; SubminiatureHighPerformanceAlInGaPLEDLamps
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.Bulk
SubminiatureHighPerformanceASAlInGaPRedOrangeLEDLamps.GullWing.7inchRee..
|
Samtec, Inc. EPCOS AG Amphenol, Corp. Avago Technologies, Ltd.
|
852-90-016-10-002 854-90-016-10-001 854-10-016-10- |
PCB connectors 1.27 mm Single row / double row / triple row Solder tail PCB connectors 1.27 mm Single row / double row / triple row Solder tail 电路板连接器1.27毫米单列/双列/三列焊尾
|
PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
DBCSDMSR237GA DBCSDMSR215GA DBCSDFSR215GA DBCSDFSR |
D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
|
Dubilier
|
E41ASF-005-8905A E41SDF-005-8906A E41ADF-005-9268A |
250mA CMOS Regulator Interface Connectors for Cellular Telephone Mini Serial Bus Connectors (B TYPE) USB Series Mini-AB Connectors 5 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT MOST Connectors TELECOM AND DATACOM CONNECTOR, SOCKET
|
MITSUMI ELECTRIC CO., LTD. MITSUMI ELECTRIC CO LTD
|